Part Number Hot Search : 
BC856A PT61020L BCR401 BC856A WM895606 ULN2809 MAX814 ASM3I2
Product Description
Full Text Search
 

To Download LFCN-1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ceramic
Low Pass Filter
DC to 1200 MHz
Maximum Ratings
Operating Temperature Storage Temperature RF Power Input* -55C to 100C -55C to 100C 10W max. at 25C
! NEW
LFCN-1200
Features
* * * * * excellent power handling, 10W small size 7 sections temperature stable patent pending
CASE STYLE: FV1206 Model LFCN-1200 LFCN-1200D Price $1.99 $2.49 Qty. (10-49) (10-49)
DC Current Input to Output 0.5A max. at 25C
*Passband rating, derate linearly to 3.5W at 100C ambient.
Applications
* harmonic rejection * VHF/UHF transmitters/receivers * lab use
Pin Connections
RF IN RF OUT GROUND
**RF IN & RF OUT can be interchanged
1** 3** 2,4
Low Pass Filter Electrical Specifications1 (TAMB=25C)
MODEL NO. PASSBAND (MHz)
(loss < 1 dB) Max. LFCN-1200 DC-1200
Outline Drawing
fco, MHz Nom.
(loss 3 dB) Typ. 1530
STOP BAND (MHz) (loss, dB)
f 20 Min. 1865 30 Typ. 2000-5000 fr 20 Typ. 6200
VSWR (:1)
Stopband Typ. 20 Passband Typ. 1.2
NO. OF SECTIONS
7
1. For Applications requiring DC voltage to be applied to the Input or output, use LFCN-1200D (DC Resistance to ground is 100 Mohms min.)
typical frequency response
RF IN
ATTENUATION (dB)
40dB 20dB
schematic
RF OUT
3dB 1dB f co f 20 FREQUENCY fR 20 dB
Typical Performance Data at 25C
Frequency (MHz)
50.00 500.00 750.00 1200.00 1480.00 1750.00 2000.00 2375.00 3000.00 3500.00 4500.00 5000.00 6050.00 6500.00 7000.00
LFCN-1200 INSERTION LOSS 50 40 30 20 10 0 0 1000 2000 3000 4000 5000 6000 7000 FREQUENCY (MHz) 100
Insertion Loss (dB)
0.04 0.30 0.34 0.73 2.79 24.69 31.88 40.40 39.23 37.97 36.37 36.23 22.99 12.01 16.10
LFCN-1200 VSWR
VSWR (:1)
1.02 1.18 1.20 1.16 2.15 9.43 16.56 25.19 31.60 36.20 39.49 34.07 26.74 15.00 37.77
Outline Dimensions ( inch ) mm
A .126 3.20 J .024 0.61 B .063 1.60 K .122 3.10 C .039 0.99 L .024 0.61 D .020 0.51 M .087 2.21 E .032 0.81 N .012 0.30 F .009 0.23 G .169 4.29 H .087 2.21 P wt. .071 grams 1.80 .020
Demo Board MCL P/N: TB-270 Suggested PCB Layout (PL-137)
INSERTION LOSS (dB)
VSWR
10
1 0 1000 2000 3000 4000 5000 6000 7000 FREQUENCY (MHz)
designers kit available
Kit No.
K2-LFCN
No. of Units in Kit
60
Description
5 of each: LFCN-800,-900,-1000,-1200,-1325,-1700, -2000,-2250,-2400,-5000,-6000,-6700
Price $ per Kit
119.95
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
Mini-Circuits ISO 9001 & ISO 14001 Certified
REV. C M96263 LFCN-1200 EDR-6469/3 RVN/AD/CP 050113


▲Up To Search▲   

 
Price & Availability of LFCN-1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X